PART |
Description |
Maker |
1N4002G 1N4007G 1N4001G 1N4003G 1N4004G 1N4005G 1N |
400V, 1.0A glass passivated rectifier 1000V, 1.0A glass passivated rectifier 50V, 1.0A glass passivated rectifier 200V, 1.0A glass passivated rectifier 100V, 1.0A glass passivated rectifier 600V, 1.0A glass passivated rectifier 800V, 1.0A glass passivated rectifier
|
http:// WTE[Won-Top Electronics]
|
1N4001G-1N4007G BY133G |
GLASS PASSIVATED GENERAL PURPOSE RECTIFIERS
|
Shenzhen Taychipst Electronic Co., Ltd
|
1N4004G-LFR 1N4001G-LFR 1N4007G-LFR 1N4002G-LFR 1N |
A GENERAL PURPOSE GLASS PASSIVATED RECTIFIER
|
Frontier Electronics.
|
S6D |
6.0 Ampere Surface Mount Glass Passivated General Purpose Rectifier
|
Thinki Semiconductor Co., Ltd.
|
1N3611 |
GLASS PASSIVATED GENERAL PURPOSE SILICON RECTIFIERS 1.0 AMP, 200 THRU 1000 VOLTS
|
Central Semiconductor Corp
|
CR3-010 CR3-060 CR3-100 CR3-005GPP11 CR3-020 CR3-0 |
GLASS PASSIVATED JUNCTION GENERAL PURPOSE SILICON RECTIFIER 3 AMP, 50 THRU 1200 VOLTS
|
Central Semiconductor Corp Central Semiconductor C...
|
EGP30A- EGP30J EGP30A |
Fast Rectifiers (Glass Passivated) 3.0 Ampere Glass Passivated High Efficiency Rectifiers(平均整流电流3.0安培高效率玻璃钝化整流器)
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
1N4003G-A 1N4003G-B 1N4001G-A 1N4001G-B 1N4002G-B |
1.0A GLASS PASSIVATED RECTIFIER 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-41 1.0A GLASS PASSIVATED RECTIFIER 1 A, 800 V, SILICON, SIGNAL DIODE, DO-41 1.0A GLASS PASSIVATED RECTIFIER 1 A, 400 V, SILICON, SIGNAL DIODE, DO-41 1.0A GLASS PASSIVATED RECTIFIER 1 A, 50 V, SILICON, SIGNAL DIODE, DO-41 1.0A GLASS PASSIVATED RECTIFIER 1 A, 200 V, SILICON, SIGNAL DIODE, DO-41
|
Diodes Inc. Anderson Power Products, Inc. Diodes, Inc.
|
S3K-13 S3MB |
Glass Passivated Die Construction 3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
|
Diodes Incorporated
|
1N4944GP 1N4946GP 1N4947GPE 1N4944GPE/4G 1N4942GP |
1 A, 400 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN Diodes Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 600V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 400V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 200V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 1000V
|
Vishay Beyschlag
|
GP10M GP10A GP10B GP10D GP10G GP10J GP10K |
1.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts Aluminum Electrolytic Radial Leaded Low Profile Wide Temp Capacitor; Capacitance: 470uF; Voltage: 16V; Case Size: 10x9 mm; Packaging: Bulk Glass Passivated Junction Rectifiers 1 A, 400 V, SILICON, SIGNAL DIODE, DO-41
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
GS1A GS1B GS1D GS1G GS1J GS1K GS1M |
Standard Recovery Pack: SMA SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE拢潞50 TO 1000V CURRENT拢潞 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE?0 TO 1000V CURRENT 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE?0 TO 1000V CURRENT?/a> 1.0A
|
Gulf Semiconductor http://
|